PART |
Description |
Maker |
SP3232ECA-L SP3232EEA-L SP3232EEN-L SP3232EEY-L |
True 3.0V to 5.5V RS-232 Transceivers Meets true EIA/TIA-232-F Standards
|
Exar Corporation
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX3384 MAX3384E MAX3384ECAP MAX3384ECWN MAX3384EE |
DUAL LINE TRANSCEIVER, PDSO20 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver " ?à15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver" ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
SP3232EEY-L |
True 3.0V to 5.5V RS-232 Transceivers
|
SIPEX
|
SP3232EBCA_TR SP3232EBCY_TR SP3232EBCN_TR SP3232EB |
TRUE 3.0V TO 5.5V RS-232 TRANSCEIVERS
|
SIPEX[Sipex Corporation]
|
SP3222EBEA-L SP3232EBEA-L SP3222EBEA-LTR SP3232EBE |
True 3.0V to 5.5V RS-232 Transceivers
|
Exar Corporation
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX3221 |
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown(3V~5.5V,自动关闭方式接收器有120kbps,RS-232收发
|
Maxim Integrated Products, Inc.
|
MAX3232CUE-T |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
|
Maxim Integrated Products
|